PART |
Description |
Maker |
HUFA75332S3S HUFA75332G3 HUFA75332P3 HUFA75332S3ST |
66A/ 55V/ 0.016 Ohm. N-Channel UltraFET Power MOSFETs Discrete Automotive N-Channel UltraFET Power MOSFET, 55V, 60A, 0.019 Ohm @ Vgs = 10V, T0263/D2PAK Package 60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
IRFIZ34N IRFIZ34NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Lsolated Base Power HEX-pak Assembly Half Bridge Configuration Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
|
IRF[International Rectifier]
|
IRFIZ48N IRFIZ48 IRFIZ48NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
|
IRF[International Rectifier]
|
IRFZ24N IRFZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
|
IRF[International Rectifier]
|
STB80PF5506 STP80PF55 |
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET II Power MOSFET P-channel 55V - 0.016楼? - 80A - TO-220 - D2PAK STripFET垄芒 II Power MOSFET P-channel 55V - 0.016ヘ - 80A - TO-220 - D2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
RFP12P10 RFP12P08 FN1495 |
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs(12A, 80V 100V, 0.300 Ω, P沟道增强模式功率MOS场效应管) 12 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 12A/ 80V and 100V/ 0.300 Ohm/ P-Channel Power MOSFETs 12A 80V and 100V 0.300 Ohm P-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STB80NF55-06-1 |
晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 80A条(丁)|62AA TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-262AA N-CHANNEL 55V 0.005 OHM 80A TO-220/TO-220FP/I2PAK STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
STB80NF55L-06 STB80NF55L-06T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-263AB N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB180N55F3 STP180N55F3 |
N-channel 55V - 3.2mヘ - 120A - D2PAK/TO-220 STripFET⑩ Power MOSFET N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET Power MOSFET N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET?/a> Power MOSFET N-channel 55V - 3.2m楼? - 120A - D2PAK/TO-220 STripFET垄芒 Power MOSFET
|
STMicroelectronics
|
HUFA75309D3 HUFA75309D3S HUFA75309P3 HUFA75309D3ST |
19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs 19 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs 19 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 19A/ 55V/ 0.070 Ohm/ N-Channel UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 19A I(D) | TO-252AA
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|